전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC92433 데이터시트(PDF) 18 Page - Freescale Semiconductor, Inc

부품명 MPC92433
상세설명  1428 MHz Dual Output LVPECL Clock Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 데이터시트(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Advanced Clock Drivers Devices
18
Freescale Semiconductor
MPC92433
Figure 11. Thevenin Termination
Figure 12. Resistor Network Termination
Figure 13. Interfacing with LVCMOS Logic
for f < 300 MHz
Z = 50
Ω
Qx
VCC
130
Ω
82
Ω
MPC92433
Z = 50
Ω
Qx
50
Ω
46.4
Ω
SMD Resistor Network
MPC92433
50
Ω
Z = 50
Ω
QA
50
Ω
VTT
Z = 50
Ω
QB
VTT
MPC92433
MC100ES60T23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com