| 전자부품 데이터시트 검색엔진 |
|
SC16C752IB48 데이터시트(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C752IB48 데이터시트(HTML) 11 Page - NXP Semiconductors |
|
11 / 47 page ![]() Philips Semiconductors SC16C752 Dual UART with 64-byte FIFO Product data Rev. 04 — 20 June 2003 11 of 47 9397 750 11635 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. 60 characters have been sent. At this time, UART2 will transmit a 0F to UART1, informing UART1 to halt transmission. UART1 will likely send the 61st character while UART2 is sending the Xoff character. Now UART2 is serviced and the processor reads enough data out of the RX FIFO that the level drops to 32. UART2 will now send a 0D to UART1, informing UART1 to resume transmission. 6.4 Reset Table 4 summarizes the state of register after reset. [1] Registers DLL, DLH, SPR, Xon1, Xon2, Xoff1, Xoff2 are not reset by the top-level reset signal RESET, i.e., they hold their initialization values during reset. Table 5 summarizes the state of registers after reset. Table 4: Register reset functions Register Reset control Reset state Interrupt enable register RESET All bits cleared. Interrupt identification register RESET Bit 0 is set. All other bits cleared. FIFO control register RESET All bits cleared. Line control register RESET Reset to 00011101 (1D hex). Modem control register RESET All bits cleared. Line status register RESET Bits 5 and 6 set. All other bits cleared. Modem status register RESET Bits 0-3 cleared. Bits 4-7 input signals. Enhanced feature register RESET All bits cleared. Receiver holding register RESET Pointer logic cleared. Transmitter holding register RESET Pointer logic cleared. Transmission control register RESET All bits cleared. Trigger level register RESET All bits cleared. Table 5: Signal RESET functions Signal Reset control Reset state TX RESET high RTS RESET high DTR RESET high RXRDY RESET high TXRDY RESET low |