전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC16C752IB48 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 SC16C752IB48
상세설명  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752IB48 데이터시트(HTML) 2 Page - NXP Semiconductors

  SC16C752IB48 Datasheet HTML 1Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 2Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 3Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 4Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 5Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 6Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 7Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 8Page - NXP Semiconductors SC16C752IB48 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
2 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
s Fast databus access time
s Programmable sleep mode
s Programmable serial interface characteristics
x 5, 6, 7, or 8-bit characters
x Even, odd, or no parity bit generation and detection
x 1, 1.5, or 2 stop bit generation
s False start bit detection
s Complete status reporting capabilities in both normal and sleep mode
s Line break generation and detection
s Internal test and loop-back capabilities
s Fully prioritized interrupt system controls
s Modem control functions (CTS, RTS, DSR, DTR, RI, and CD).
3.
Ordering information
Table 1:
Ordering information
Type number
Package
Name
Description
Version
SC16C752IB48
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47