전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DN3135 데이터시트(PDF) 8 Page - Microchip Technology

부품명 DN3135
상세설명  N-Channel Depletion-Mode Vertical DMOS FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN3135 데이터시트(HTML) 8 Page - Microchip Technology

Back Button DN3135 Datasheet HTML 4Page - Microchip Technology DN3135 Datasheet HTML 5Page - Microchip Technology DN3135 Datasheet HTML 6Page - Microchip Technology DN3135 Datasheet HTML 7Page - Microchip Technology DN3135 Datasheet HTML 8Page - Microchip Technology DN3135 Datasheet HTML 9Page - Microchip Technology DN3135 Datasheet HTML 10Page - Microchip Technology DN3135 Datasheet HTML 11Page - Microchip Technology DN3135 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3-Lead TO-243AA (SOT-89) Package Outline (N8)
Symbol
A
b
b1
C
D
D1
E
E1
e
e1
H
L
Dimensions
(mm)
MIN
1.40
0.44
0.36
0.35
4.40
1.62
2.29
2.00
†
1.50
BSC
3.00
BSC
3.94
0.73
†
NOM
--------
--
MAX
1.60
0.56
0.48
0.44
4.60
1.83
2.60
2.29
4.25
1.20
JEDEC Registration TO-243, Variation AA, Issue C, July 1986.
† This dimension differs from the JEDEC drawing
Drawings not to scale.
b
b1
D
D1
E H
E1
C
A
12
3
e
e1
Top View
Side View
L
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
DN3135
DS20005703A-page 8
 2017 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12