| 전자부품 데이터시트 검색엔진 |
|
AS7C33256PFS36A 데이터시트(PDF) 5 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS7C33256PFS36A 데이터시트(HTML) 5 Page - Alliance Semiconductor Corporation |
|
5 / 20 page ![]() AS7C33256PFS32A AS7C33256PFS36A ® 11/30/04, v.3.1 Alliance Semiconductor P. 5 of 20 Signal descriptions Snooze Mode SNOOZE MODE is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of SNOOZE MODE is dictated by the length of time the ZZ is in a High state. The ZZ pin is an asynchronous, active high input that causes the device to enter SNOOZE MODE. When the ZZ pin becomes a logic High, ISB2 is guaranteed after the time tZZI is met. After entering SNOOZE MODE, all inputs except ZZ is disabled and all outputs go to High-Z. Any operation pending when entering SNOOZE MODE is not guaranteed to successfully complete. Therefore, SNOOZE MODE (READ or WRITE) must not be initiated until valid pending operations are completed. Similarly, when exiting SNOOZE MODE during tPUS, only a DESELECT or READ cycle should be given while the SRAM is transitioning out of SNOOZE MODE. Signal I/O Properties Description CLK I CLOCK Clock. All inputs except OE, ZZ, LBO are synchronous to this clock. A, A0, A1 I SYNC Address. Sampled when all chip enables are active and ADSC or ADSP are asserted. DQ[a,b,c,d] I/O SYNC Data. Driven as output when the chip is enabled and OE is active. CE0 I SYNC Master chip enable. Sampled on clock edges when ADSP or ADSC is active. When CE0 is inactive, ADSP is blocked. Refer to the Synchronous Truth Table for more information. CE1, CE2 I SYNC Synchronous chip enables. Active HIGH and active LOW, respectively. Sampled on clock edges when ADSC is active or when CE0 and ADSP are active. ADSP I SYNC Address strobe processor. Asserted LOW to load a new bus address or to enter standby mode. ADSC I SYNC Address strobe controller. Asserted LOW to load a new address or to enter standby mode. ADV I SYNC Advance. Asserted LOW to continue burst read/write. GWE I SYNC Global write enable. Asserted LOW to write all 32/36 bits. When HIGH, BWE and BW[a:d] control write enable. BWE I SYNC Byte write enable. Asserted LOW with GWE = HIGH to enable effect of BW[a:d] inputs. BW[a,b,c,d] I SYNC Write enables. Used to control write of individual bytes when GWE = HIGH and BWE = LOW. If any of BW[a:d] is active with GWE = HIGH and BWE = LOW the cycle is a write cycle. If all BW[a:d] are inactive the cycle is a read cycle. OE I ASYNC Asynchronous output enable. I/O pins are driven when OE is active and the chip is in read mode. LBO ISTATIC Selects Burst mode. When tied to VDD or left floating, device follows Interleaved Burst order. When driven Low, device follows linear Burst order. This signal is internally pulled High. ZZ I ASYNC Snooze. Places device in LOW power mode; data is retained. Connect to GND if unused. NC - - No connect |