| 전자부품 데이터시트 검색엔진 |
|
FSES0765RG 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
|
|||||||||||||||||||||||||||||
FSES0765RG 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
|
1 / 18 page ![]() ©2005 Fairchild Semiconductor Corporation www.fairchildsemi.com Rev.1.0.1 Features • Burst Mode Operation to Reduce the Power Consumption in Standby Mode • External Pin for Synchronization • Wide Operating Frequency Range up to 130kHz • Internal Startup Circuit • Low Operating Current (Max:6mA) • Pulse by Pulse Current Limiting • Over Voltage Protection (Auto Restart Mode) • Over Load Protection (Auto Restart Mode) • Abnormal Over Current Protection (Auto Restart Mode) • Internal Thermal Shutdown (Auto Restart Mode) • Under Voltage Lockout • Internal High Voltage SenseFET (650V) Application • CRT Monitor Description FSES0765RG is a Fairchild Power Switch (FPS) specially designed for off-line SMPS of CRT monitors with minimal external components. This device combines a current mode PWM controller with a high voltage power SenseFET in a single package. The PWM controller features an integrated oscillator to be synchronized with the external sync signal, under voltage lockout, optimized gate driver and temperature-compensated precise current sources for the loop compensation. This device also includes various fault protection circuits such as over voltage protection, over load protection, abnormal over current protection and over temperature protection. Compared with discrete MOSFET and PWM controller solutions, FPS can reduce total cost, component count, size and weight while simultaneously increasing efficiency, productivity and system reliability. This device is well suited for cost effective CRT-monitor power supplies. Notes: 1. Maximum practical continuous power in an open frame design at 50 °C ambient. 2. 230 VAC or 100/115 VAC with doubler. 3. The maximum output power can be limited by the junction temperature Typical Circuit Figure 1. Typical Flyback Application OUTPUT POWER TABLE(3) PRODUCT 230VAC ±15%(2) 85-265VAC Open Frame(1) Open Frame(1) FSES0765RG 90 W 70 W Vcc GND Drain V Sync Vo PWM V FB AC IN FSES0765RG Vstr External Sync signal FSES0765RG Green Mode Fairchild Power Switch (FPSTM) for CRT Monitors |
유사한 부품 번호 - FSES0765RG |
|
유사한 설명 - FSES0765RG |