전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE5014 데이터시트(PDF) 25 Page - Infineon Technologies AG

부품명 TLE5014
상세설명  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 데이터시트(HTML) 25 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 21Page - Infineon Technologies AG TLE5014 Datasheet HTML 22Page - Infineon Technologies AG TLE5014 Datasheet HTML 23Page - Infineon Technologies AG TLE5014 Datasheet HTML 24Page - Infineon Technologies AG TLE5014 Datasheet HTML 25Page - Infineon Technologies AG TLE5014 Datasheet HTML 26Page - Infineon Technologies AG TLE5014 Datasheet HTML 27Page - Infineon Technologies AG TLE5014 Datasheet HTML 28Page - Infineon Technologies AG TLE5014 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Final Datasheet
25
Rev. 1.0
2018-04-04
TLE5014
Interfaces
PWM Interface Error Indication
For diagnostic purpose and to indicate internal sensor failures, the output duty cycle of the PWM is limited.
Within this reserved lower and upper duty cycle range, no valid angle information is provided. Instead, this
duty cycle range is used for error indication with defined duty cycles which are clearly separated from the
usable data duty cycle range. The following events are indicated:
• Error occurred during performing the built-in self test (BIST) after power-up
• Occurrence of internal or external fault
• Sensor reset occurred
PWM Interface Configuration
The PWM interface parameter can be configured in a wide range. Beside the frequency, it is also possible to
define data duty cycle range and low and high value of the diagnostic duty cycle. It has to be ensured by proper
device configuration that there is no overlap of data duty cycle range and low or high value of diagnostic duty
cycle.
A possible and valid configuration is:
• Data duty cycle: 12.5% ...87.5%, the 12bit angle value is mapped to this duty cycle
• Diagnostic duty cycle, low: 5%; an internal sensor fault is indicated with this duty cycle
• Diagnostic duty cycle, high: 95%; an start-up BIST error or sensor reset is indicated with this duty cycle
TPWM = 1/fPWM
Reserved duty cycle range for
diagnostics
PWM out
t
Duty cycle range for angle
value transmission
The PWM interface with data duty cycle range and reserved duty cycle for diagnostics is shown in Figure 4-1
Figure 4-1 PWM interface with duty cycle range starting with a rising edge
As the PWM interface is an analog protocol, the rise and fall times, as well as the trigger level for the detection
of the high and low state of the signal have influence on the measured duty cycle. Therefore, an additional
angle error is introduced which varies with the measurement conditions (e.g. Rp, CW, trigger level). This error
contribution is not included in Table 3-11 and Table 3-12.
Table 4-2
PWM Frequency tolerance
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
PWM Frequency tolerance
PWMfreq_tol -5
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com