전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE5014 데이터시트(PDF) 31 Page - Infineon Technologies AG

부품명 TLE5014
상세설명  Giant Magneto Resistance (GMR)-based principle
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014 데이터시트(HTML) 31 Page - Infineon Technologies AG

Back Button TLE5014 Datasheet HTML 27Page - Infineon Technologies AG TLE5014 Datasheet HTML 28Page - Infineon Technologies AG TLE5014 Datasheet HTML 29Page - Infineon Technologies AG TLE5014 Datasheet HTML 30Page - Infineon Technologies AG TLE5014 Datasheet HTML 31Page - Infineon Technologies AG TLE5014 Datasheet HTML 32Page - Infineon Technologies AG TLE5014 Datasheet HTML 33Page - Infineon Technologies AG TLE5014 Datasheet HTML 34Page - Infineon Technologies AG TLE5014 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Trigger
Sync
Status &
SSM
Data 1
Data 2
Data 3
Rolling
counter
CRC &
ID
End
Short serial message (SSM), with rolling counter
Final Datasheet
31
Rev. 1.0
2018-04-04
TLE5014
Interfaces
In case the short serial message is enabled, the bits [0] and [1] of the status nibble for address (sensor ID)
indication are not available. In this case, the sensor ID is coded in the CRC. Further details in Chapter 4.3.3.
Figure 4-7 Example of a SPC protocol frame configuration with short serial message enabled
4.3.2.1
Temperature Calculation
The temperature information which is transmitted with the short serial message is an 8-bit value. It has to be
considered as a two-complement ranging from T[LSB] = -128LSB ... +127 LSB
To obtain the temperature value in °C the following calculation has to be performed:
(4.1)
4.3.3
Checksum Nibble Details
The checksum nibble is a 4-bit CRC of the data nibbles including the status nibble. The CRC is calculated using
a polynomial x4+x3+x2+1 with a seed value of 0101B. The remainder after the last data nibble is transmitted as
CRC.
Depending on SPC frame configuration, different options for the CRC calculation have to be considered:
Short serial message disabled and rolling counter information as nibble:
the input data for CRC calculation are: STATUS & DATA1 & DATA2 & DATA3 & ROLLING_COUNTER
Rolling counter information is coded in the CRC (no explicit rolling counter nibble):
The two LSBs of the rolling counter information is prepended to "00" and added to the input data of the CRC
calculation (R1 R0 0 0). In this case, the rolling counter has only 2 bits.
Short serial message enabled and rolling counter information transmitted as nibble:
the sensor ID is coded in the CRC: the two bit value of the ID on LSB position is appended to “00” and added to
the input data of the CRC calculation (0 0 ID1 ID0)
Short serial message enabled and the rolling counter information coded in the CRC:
the two bit value of the ID on LSB position is appended to the 2LSB value of the rolling counter on MSB position
and added to the input data of the CRC calculation (R1 R0 ID1 ID0). In this case, the rolling counter has only 2
bits.
T
°C
[]
2T LSB
[] 34.54
+
⋅
1.3815
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com