| 전자부품 데이터시트 검색엔진 |
|
M58LT128GST 데이터시트(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58LT128GST 데이터시트(HTML) 58 Page - STMicroelectronics |
|
58 / 98 page ![]() 11 DC and AC parameters M58LT128GST, M58LT128GSB 58/98 Figure 12. Single Synchronous Read AC Waveforms AI08312 E G A0-A22 L WAIT(1,2) K(2) VALID ADDRESS tGLQV tAVKH tLLKH tELKH Hi-Z tELQX tKHQV Note 1. The WAIT signal is configured to be active during wait state. WAIT signal is active Low. 2. Address latched and data output on the rising clock edge. Either the rising or the falling edge of the clock signal, K, can be configured as the active edge. Here, the active edge is the rising one. tGLQX tKHTV DQ0-DQ15 VALID Hi-Z tELQV tGLTV tGHTZ |