| 전자부품 데이터시트 검색엔진 |
|
REF4132 데이터시트(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF4132 데이터시트(HTML) 16 Page - Texas Instruments |
|
16 / 25 page ![]() 1 5 2 3 4 VREF VIN REF4132 C OUT EN GND N/C C IN 16 REF4132 SNAS794 – MAY 2020 www.ti.com Product Folder Links: REF4132 Submit Documentation Feedback Copyright © 2020, Texas Instruments Incorporated 12 Layout 12.1 Layout Guidelines Figure 21 illustrates an example of a PCB layout for a data acquisition system using the REF4132. Some key considerations are: • Connect low-ESR, 0.1-μF ceramic bypass capacitors at VIN, VREF of the REF4132. • Decouple other active devices in the system per the device specifications. • Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup. • Place the external components as close to the device as possible. This configuration prevents parasitic errors (such as the Seebeck effect) from occurring. • Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if possible, and only make perpendicular crossings when absolutely necessary. 12.2 Layout Example Figure 21. Layout Example |