전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C12476 데이터시트(PDF) 6 Page - Ledil, Inc.

부품명 C12476
상세설명  ~15째 spot beam
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12476 데이터시트(HTML) 6 Page - Ledil, Inc.

Back Button C12476 Datasheet HTML 2Page - Ledil, Inc. C12476 Datasheet HTML 3Page - Ledil, Inc. C12476 Datasheet HTML 4Page - Ledil, Inc. C12476 Datasheet HTML 5Page - Ledil, Inc. C12476 Datasheet HTML 6Page - Ledil, Inc. C12476 Datasheet HTML 7Page - Ledil, Inc. C12476 Datasheet HTML 8Page - Ledil, Inc. C12476 Datasheet HTML 9Page - Ledil, Inc. C12476 Datasheet HTML 10Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PRODUCT
DATASHEET
C12476_MIRELLA-50-S
PHOTOMETRIC DATA (MEASURED):
LED
CLU700/701/702
FWHM
15.0°
Efficiency
90 %
Peak intensity
6.2 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
CLU700/701/702
FWHM
15.0°
Efficiency
85 %
Peak intensity
5.9 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C13333_MIRELLA-CL
LED
CLU710/711
FWHM
29.0°
Efficiency
83 %
Peak intensity
1.9 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C13723_MIRELLA-RZL
LED
CLU710/711
FWHM
26.0°
Efficiency
83 %
Peak intensity
2.1 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
C12479_MIRELLA-DL
Last update: 15/12/2019
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
6/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com