전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C12476 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 C12476
상세설명  ~15째 spot beam
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12476 데이터시트(HTML) 1 Page - Ledil, Inc.

  C12476 Datasheet HTML 1Page - Ledil, Inc. C12476 Datasheet HTML 2Page - Ledil, Inc. C12476 Datasheet HTML 3Page - Ledil, Inc. C12476 Datasheet HTML 4Page - Ledil, Inc. C12476 Datasheet HTML 5Page - Ledil, Inc. C12476 Datasheet HTML 6Page - Ledil, Inc. C12476 Datasheet HTML 7Page - Ledil, Inc. C12476 Datasheet HTML 8Page - Ledil, Inc. C12476 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PRODUCT
DATASHEET
C12476_MIRELLA-50-S
MIRELLA-50-S
~15° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 49.9 mm
Height
24 mm
Fastening
glue
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
Coating
MIRELLA-50-S
Reflector
PC
metal
lacquer
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C12476_MIRELLA-50-S
» Box size: 480 x 280 x 300 mm
336
112
28
3.0
Last update: 15/12/2019
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/24


유사한 부품 번호 - C12476

제조업체부품명데이터시트상세설명
logo
Cree, Inc
C12476 CREE-C12476 Datasheet
2Mb / 57P
Mirella reflector
More results

유사한 설명 - C12476

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
C11552 LEDIL-C11552_18 Datasheet
2Mb / 5P
~15째 spot beam
C12607 LEDIL-C12607 Datasheet
7Mb / 7P
~15째 spot beam
C16899 LEDIL-C16899 Datasheet
2Mb / 5P
~15째 spot beam
C16903 LEDIL-C16903 Datasheet
9Mb / 5P
~15째 spot beam
C16907 LEDIL-C16907 Datasheet
2Mb / 5P
~15째 spot beam
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
C16819 LEDIL-C16819 Datasheet
2Mb / 6P
~15째 spot beam
C16823 LEDIL-C16823 Datasheet
2Mb / 6P
~15째 spot beam
C17246 LEDIL-C17246 Datasheet
1Mb / 5P
~15째 spot beam
C14678 LEDIL-C14678 Datasheet
2Mb / 7P
~15째 spot beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com