전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RH5 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 RH5
상세설명  Heatsink Encased Wirewound Power Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH5 데이터시트(HTML) 1 Page - Vishay Siliconix

  RH5 Datasheet HTML 1Page - Vishay Siliconix RH5 Datasheet HTML 2Page - Vishay Siliconix RH5 Datasheet HTML 3Page - Vishay Siliconix RH5 Datasheet HTML 4Page - Vishay Siliconix RH5 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RH
www.vishay.com
Vishay Sfernice
Revision: 07-Dec-15
1
Document Number: 50013
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Heatsink Encased Wirewound Power Resistors
FEATURES
• 5 W to 50 W at 25 °C
•NF C 83-210
• According to CECC 40 203
• High stability < 0.05 % year
• Low temperature coefficient typically ± 15 ppm/°C
• Wide range of values from 0.006
Ω to 130 kΩ
• Termination = Sn/Ag/Cu
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Encased in a compact and light heatsink offering complete environmental protection, great mechanical strength and easy
mounting. Non inductive versions can be supplied under the RHNI designation (please indicate required specifications and
frequency range upon ordering).
NF F 16101, 10/1988 and 16102, 04/1992: Not applicable (our parts contain less than 10 g of combustible materials).
DIMENSIONS in millimeters
SERIES
A
B ±
0.2
D ±
0.2
E ±
0.5
F
G ± 1
H ±
0.7
J ±
0.5
Ø K ±
0.1
L
MAX.
M ±
0.5
N ±
0.3
Ø P
MIN.
Q
WEIGHT
g
RH5
28.5 ± 1.5
12.5
11.3
16.3
6.8 ± 1.5
8.5
6.2
16.4
2.4
8.9
4.3
1.6
2.1
25.3 ± 1.5
4
RH10
35.5 ± 1.5
15.9
14
19
7.9 ± 1.5
11
7.9
20.6
2.4
11
5.6
2
2.1
30.6 ± 1.5
6.4
RH25
49 ± 1.3
19.8
18.3
28
11.1 ± 1.5
14
9.9
27.5
3.2
15
8
2.4
2.1
44.6 ± 1.3
16.1
RH50
70.2 ± 1.4
21.4
39.7
50
11 ± 1.2
14
10.7
29.4
3.2
15
8
2.4
2.1
66.5 ± 1.4
28.6
OHMIC RANGE IN RELATION TO TOLERANCE
RH5
RH10
RH25
RH50
10 %
E24
0.01
Ω to 12 kΩ
0.006
Ω to 20 kΩ
0.006
Ω to 62 kΩ
0.006
Ω to 130 kΩ
5 %
E24
0.01
Ω to 12 kΩ
0.01
Ω to 20 kΩ
0.01
Ω to 62 kΩ
0.01
Ω to 130 kΩ
2 %
E48
0.01
Ω to 12 kΩ
0.01
Ω to 20 kΩ
0.01
Ω to 62 kΩ
0.01
Ω to 130 kΩ
1 %
E96
0.1
Ω to 12 kΩ
0.1
Ω to 20 kΩ
0.05
Ω to 62 kΩ
0.05
Ω to 130 kΩ
0.5 %
E96
0.1
Ω to 12 kΩ
0.1
Ω to 20 kΩ
0.1
Ω to 62 kΩ
0.1
Ω to 130 kΩ
A
N
M
F
Ø 2
Ø K
Ø P
E
Q
L
G
H
B
J
D
RH


유사한 부품 번호 - RH5

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
RH5 VISHAY-RH5 Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
RH50 VISHAY-RH50 Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
logo
LEM
RH500-P LEM-RH500-P Datasheet
42Kb / 2P
Coreless Coil Current Transducer RH 100~1000-P
RH500-S LEM-RH500-S Datasheet
73Kb / 2P
Coreless Coil Current Transducer RH 100~1000-S
logo
SUNMATE electronic Co.,...
RH5000A SUNMATE-RH5000A Datasheet
319Kb / 2P
SURFACE MOUNT FAST RECOVER HIGH VOLTAGE DIODES
More results

유사한 설명 - RH5

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
POWER WIREWOUND RESISTORS
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
Tubular Power Wirewound Resistors
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
Tubular Power Wirewound Resistors
logo
List of Unclassifed Man...
RQA02 ETC-RQA02 Datasheet
600Kb / 2P
Ceramic Encased Wire Wound Resistors
RQB05 ETC-RQB05 Datasheet
711Kb / 2P
Ceramic Encased Wire Wound Resistors
RQL10 ETC-RQL10 Datasheet
619Kb / 2P
Ceramic Encased Wire Wound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
logo
Vishay Siliconix
RH VISHAY-RH Datasheet
93Kb / 4P
Heatsink Encased Wirewound Power Resistors
24-Feb-14
VNC VISHAY-VNC Datasheet
97Kb / 5P
Vitreous Wirewound Power Resistors
08-Aug-16
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com