전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RH5 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 RH5
상세설명  Heatsink Encased Wirewound Power Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH5 데이터시트(HTML) 3 Page - Vishay Siliconix

  RH5 Datasheet HTML 1Page - Vishay Siliconix RH5 Datasheet HTML 2Page - Vishay Siliconix RH5 Datasheet HTML 3Page - Vishay Siliconix RH5 Datasheet HTML 4Page - Vishay Siliconix RH5 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RH
www.vishay.com
Vishay Sfernice
Revision: 07-Dec-15
3
Document Number: 50013
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOMENTARY OVERLOAD
1. Momentary overload (> 2 s):
See example in table below. In all cases, it should be understood that:
- The 12
Pn overload applies only to ohmic values 0.1.
- The overload voltage shall not be higher than that used for the dielectric strength test (see Standard Electrical Specifications).
2. Short time overload (< 2 s):
For times shorter than 2 s, higher overloads can be sustained in some cases. Consult Vishay Sfernice.
POWER RATING
TEMPERATURE RISE
MARKING
Vishay Sfernice trademark, model, style, nominal resistance
(in
Ω), tolerance (in %), manufacturing date.
POWER LOADING
DURATION
2.5
Pn
10 s
5
Pn
5 s
12
Pn
2 s
AMBIENT TEMPERATURE IN °C
100
125
75
50
25
0
0
50
100
150
200
250 275 300
350
RATED POWER IN W
(Mounted on heatsink chassis)
200
150
100
50
0
0
10
20
30
40
50
60
70
RH10
RH25
RH50
250
PACKAGING
Bag of 10 units
ORDERING INFORMATION
RH
05
N
18R00
J
S03
MODEL
STYLE
NON INDUCTIVE
WINDING
Optional
OHMIC VALUE
TOLERANCE
PACKAGING
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
SIZE
OPTION
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
RH
05
10
25
50
N = Non inductive winding
The first four digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
33001 = 33 k
Ω
680R0 = 680
Ω
20301 = 20.3 k
Ω
88R88 = 88.88
Ω
...
D = 0.5 %
F = 1 %
G = 2 %
J = 5 %
K = 10 %
Standard Packaging:
S03 = Bag, 10 pieces
As applicable
Ex = HDX
50
33
00
1
S
R
H
J0
3



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com