전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PJM2306NSA 데이터시트(PDF) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

부품명 PJM2306NSA
상세설명  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
홈페이지  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2306NSA 데이터시트(HTML) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2306NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2306NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Recommended condition of reflow soldering
Recommended peak temperature is over 245 ℃. If peak temperature is below 245 ℃, you may adjust
the following parameters:
Time length of peak temperature (longer)
Time length of soldering (longer)
Thickness of solder paste (thicker)
Conditions of hand soldering
Temperature: 370 ℃
Time: 3s max.
Times: one time
Storage conditions
Temperature
5 to 40 ℃
Humidity
30 to 80% RH
Recommended period
One year after manufacturing
PJM2306NSA
N- Enhancement Mode Field Effect Transistor
5 / 6
www.pingjingsemi.com
Revision:1.1 Dec-2018
Conditions of Soldering and Storage



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com