전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSC7440 데이터시트(PDF) 443 Page - Microsemi Corporation

부품명 VSC7440
상세설명  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 데이터시트(HTML) 443 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 436Page - Microsemi Corporation VSC7440 Datasheet HTML 437Page - Microsemi Corporation VSC7440 Datasheet HTML 438Page - Microsemi Corporation VSC7440 Datasheet HTML 439Page - Microsemi Corporation VSC7440 Datasheet HTML 440Page - Microsemi Corporation VSC7440 Datasheet HTML 441Page - Microsemi Corporation VSC7440 Datasheet HTML 442Page - Microsemi Corporation VSC7440 Datasheet HTML 443Page - Microsemi Corporation VSC7440 Datasheet HTML 444Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 443 / 444 page
background image
Design Considerations
VMDS-10492 VSC7440 Datasheet Revision 4.2
426
10
Design Considerations
This section provides information about design considerations for the VSC7440 device.
Half-duplex is not working on the internal CuPHY interfaces
Half-duplex operation is possible on all SerDes interfaces. Half-duplex does not work for port 0 and 1 if
the internal CuPHY is used.
Use external CuPHY interfaces for half-duplex operation on CuPHY interfaces. For fiber, SGMII
operation half-duplex is working correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More