전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2517FD-H/SL 데이터시트(PDF) 8 Page - Microchip Technology

부품명 MCP2517FD-H/SL
상세설명  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD-H/SL 데이터시트(HTML) 8 Page - Microchip Technology

Back Button MCP2517FD-H/SL Datasheet HTML 4Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 5Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 6Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 7Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 8Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 9Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 10Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 11Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
MCP2517FD
DS20005688B-page 8
 2017-2018 Microchip Technology Inc.
TABLE 3-1:
MCP2517FD REGISTER SUMMARY
Address
Name
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
E03
OSC
31:24
—
—
—
—
—
—
—
—
E02
23:16
—
—
—
—
—
—
—
—
E01
15:8
—
—
—SCLKRDY
—
OSCRDY
—PLLRDY
E00( 1)
7:0
—
CLKODIV<1:0>
SCLKDIV
—
OSCDIS
—PLLEN
IOCON
31:24
—
INTOD
SOF
TXCANOD
—
—PM1
PM0
23:16
—
—
—
—
—
—
GPIO1
GPIO0
15:8
—
—
—
—
—
—
LAT1
LAT0
E04
7:0
—
XSTBYEN
—
—
—
—TRIS1
TRIS0
CRC
31:24
—
—
—
—
—
—
FERRIE
CRCERRIE
23:16
—
—
—
—
—
—
FERRIF
CRCERRIF
15:8
CRC<15:8>
E08
7:0
CRC<7:0>
ECCCON
31:24
—
—
—
—
—
—
—
—
23:16
—
—
—
—
—
—
—
—
15:8
—
PARITY<6:0>
E0C
7:0
—
—
—
—
—
DEDIE
SECIE
ECCEN
ECCSTAT
31:24
—
—
—
—
ERRADDR<11:8>
23:16
ERRADDR<7:0>
15:8
—
—
—
—
—
—
—
—
E10
7:0
—
—
—
—
—
DEDIF
SECIF
—
Note 1:
The lower order byte of the 32-bit register resides at the low-order address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98