전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2517FD-H/SL 데이터시트(PDF) 83 Page - Microchip Technology

부품명 MCP2517FD-H/SL
상세설명  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD-H/SL 데이터시트(HTML) 83 Page - Microchip Technology

Back Button MCP2517FD-H/SL Datasheet HTML 79Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 80Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 81Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 82Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 83Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 84Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 85Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 86Page - Microchip Technology MCP2517FD-H/SL Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
 2017-2018 Microchip Technology Inc.
DS20005688B-page 83
MCP2517FD
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to
the next line, thus limiting the number of available characters for customer-specific information.
3
e
3
e
Example:
14-Lead SOIC
Example:
14-Lead VDFN
2517FD
JHA
^^
644256
3
e
MCP2517FD
SL
1644256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98