전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032D-RWLE 데이터시트(PDF) 3 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032D-RWLE
상세설명  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RWLE 데이터시트(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS25LP032D-RWLE Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
3
Rev. A12
08/04/2020
GENERAL DESCRIPTION
The IS25LP032D and IS25WP032D Serial Flash memory offers a versatile storage solution with high flexibility and
performance in a simplified pin count package. ISSI’s “Industry Standard Serial Interface” Flash is for systems that
require limited space, a low pin count, and low power consumption. The device is accessed through a 4-wire SPI
Interface consisting of a Serial Data Input (SI), Serial Data Output (SO), Serial Clock (SCK), and Chip Enable
(CE#) pins, which can also be configured to serve as multi-I/O (see pin descriptions).
The device supports Dual and Quad I/O as well as standard, Dual Output, and Quad Output SPI. Clock frequencies
of up to 133MHz allow for equivalent clock rates of up to 532MHz (133MHz x 4) which equates to 66Mbytes/s of
data throughput. The IS25xP series of Flash adds support for DTR (Double Transfer Rate) commands that transfer
addresses and read data on both edges of the clock. These transfer rates can outperform 16-bit Parallel Flash
memories allowing for efficient memory access to support XIP (execute in place) operation.
Initial state of the memory array is erased (all bits are set to 1) when shipped from the factory.
QPI (Quad Peripheral Interface) supports 2-cycle instruction further reducing instruction times. Pages can be
erased in groups of 4Kbyte sectors, 32Kbyte blocks, 64Kbyte blocks, and/or the entire chip. The uniform sector
and block architecture allows for a high degree of flexibility so that the device can be utilized for a broad variety of
applications requiring solid data retention.
GLOSSARY
Standard SPI
In this operation, a 4-wire SPI Interface is utilized, consisting of Serial Data Input (SI), Serial Data Output (SO),
Serial Clock (SCK), and Chip Enable (CE#) pins. Instructions are sent via the SI pin to encode instructions,
addresses, or input data to the device on the rising edge of SCK. The SO pin is used to read data or to check the
status of the device. This device supports SPI bus operation modes (0, 0) and (1, 1).
Multi I/O SPI
Multi-I/O operation utilizes an enhanced SPI protocol to allow the device to function with Dual Output, Dual Input
and Output, Quad Output, and Quad Input and Output capability. Executing these instructions through SPI mode
will achieve double or quadruple the transfer bandwidth for READ and PROGRAM operations.
QPI
The device supports Quad Peripheral Interface (QPI) operations only when the device is switched from
Standard/Dual/Quad SPI mode to QPI mode using the enter QPI (35h) instruction. The typical SPI protocol requires
that the byte-long instruction code being shifted into the device only via SI pin in eight serial clocks. The QPI mode
utilizes all four I/O pins to input the instruction code thus requiring only two serial clocks. This can significantly
reduce the SPI instruction overhead and improve system performance. Only QPI mode or SPI/Dual/Quad mode
can be active at any given time. Enter QPI (35h) and Exit QPI (F5h) instructions are used to switch between these
two modes, regardless of the non-volatible Quad Enable (QE) bit status in the Status Register. Power Reset or
Software Reset will return the device into the standard SPI mode. SI and SO pins become bidirectional I/O0 and
I/O1, and WP# and HOLD# pins become I/O2 and I/O3 respectively during QPI mode.
DTR
In addition to SPI and QPI features, the device also supports Fast READ DTR operation. Fast READ DTR operation
allows high data throughput while running at lower clock frequencies. Fast READ DTR operation uses both rising
and falling edges of the clock for address inputs, and data outputs, resulting in reducing input and output cycles by
half.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com