전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS25LP032D-RWLE 데이터시트(PDF) 60 Page - Integrated Silicon Solution, Inc

부품명 IS25LP032D-RWLE
상세설명  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISSI [Integrated Silicon Solution, Inc]
홈페이지  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RWLE 데이터시트(HTML) 60 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RWLE Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS25LP032D-RWLE Datasheet HTML 64Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
60
Rev. A12
08/04/2020
8.18 READ FUNCTION REGISTER OPERATION (RDFR, 48h)
The Read Function Register (RDFR) instruction provides access to the Function Register. Refer to Table 6.6
Function Register Bit Definition for more detail.
Figure 8.30 Read Function Register Sequence In SPI Mode
Instruction = 48h
7
CE #
SCK
SI
3
2
SO
1
0
Data Out
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
tV
Figure 8.31 Read Function Register Sequence In QPI Mode
48h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
tV
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com