전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7000 데이터시트(PDF) 63 Page - ams AG

부품명 AS7000
상세설명  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7000 데이터시트(HTML) 63 Page - ams AG

Back Button AS7000 Datasheet HTML 59Page - ams AG AS7000 Datasheet HTML 60Page - ams AG AS7000 Datasheet HTML 61Page - ams AG AS7000 Datasheet HTML 62Page - ams AG AS7000 Datasheet HTML 63Page - ams AG AS7000 Datasheet HTML 64Page - ams AG AS7000 Datasheet HTML 65Page - ams AG AS7000 Datasheet HTML 66Page - ams AG AS7000 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
ams Datasheet
Page 63
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Power Management And Operating Modes Registers
In order to operate the different blocks inside the AS7000, the
block has to be enabled (e.g. gpio_enable=1) and the reset
de-asserted (e.g. gpio_resetn=1).
Figure 73:
CCU_DEVICEID
Figure 74:
CCU_GPIO
Figure 75:
CCU_I2CM
0x00: CCU_DEVICEID
Field
Name
Rst
Type
Description
31:16
device_id
0
RO
Reads back 0x1b58 (decimal 7000) ("AS7000")
3:0
revision
0
RO
Reads back the silicon revision
0x20: CCU_GPIO
Field
Name
Rst
Type
Description
0
gpio_resetn
0
RW
0=reset 1=running
1
gpio_enable
0
RW
0=clock OFF 1=clock ON
0x2c: CCU_I2CM
Field
Name
Rst
Type
Description
0
i2cm_resetn
0
RW
0=reset 1=running
1
i2cm_enable
0
RW
0=clock OFF 1=clock ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92