전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7000 데이터시트(PDF) 81 Page - ams AG

부품명 AS7000
상세설명  The AS7000 device provides a flexible analog front end for light sensing applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7000 데이터시트(HTML) 81 Page - ams AG

Back Button AS7000 Datasheet HTML 77Page - ams AG AS7000 Datasheet HTML 78Page - ams AG AS7000 Datasheet HTML 79Page - ams AG AS7000 Datasheet HTML 80Page - ams AG AS7000 Datasheet HTML 81Page - ams AG AS7000 Datasheet HTML 82Page - ams AG AS7000 Datasheet HTML 83Page - ams AG AS7000 Datasheet HTML 84Page - ams AG AS7000 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
ams Datasheet
Page 81
[v1-12] 2018-Feb-26
Document Feedback
AS7000 − Detailed Description
Figure 112:
CCU_IOFUNC1
Figure 113:
CCU_IOFUNC2
0x54: CCU_IOFUNC1
Field
Name
Rst
Type
Description
2:0
gpio4_func
0
RW
Please refer to Figure 110
4:3
gpio4_pd
0
RW
Please refer to Figure 111
5
gpio4_sr
0
RW
Slew rate: 0=fast 1=slow
10:8
gpio5_func
0
RW
Please refer to Figure 110
12:11
gpio5_pd
0
RW
Please refer to Figure 111
13
gpio5_sr
0
RW
Slew rate: 0=fast 1=slow
18:16
gpio6_func
0
RW
Please refer to Figure 110
20:19
gpio6_pd
0
RW
Please refer to Figure 111
21
gpio6_sr
0
RW
Slew rate: 0=fast 1=slow
26:24
gpio7_func
0
RW
Please refer to Figure 110
28:27
gpio7_pd
0
RW
Please refer to Figure 111
29
gpio7_sr
0
RW
Slew rate: 0=fast 1=slow
0x58: CCU_IOFUNC2
Field
Name
Rst
Type
Description
2:0
gpio8_func
0
RW
Please refer to Figure 110
4:3
gpio8_pd
0
RW
Please refer to Figure 111
5
gpio8_sr
0
RW
Slew rate: 0=fast 1=slow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92