전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MXT1664T3-C2UESSQTP 데이터시트(PDF) 74 Page - Microchip Technology

부품명 MXT1664T3-C2UESSQTP
상세설명  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2UESSQTP 데이터시트(HTML) 74 Page - Microchip Technology

Back Button MXT1664T3-C2UESSQTP Datasheet HTML 70Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 71Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 72Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 73Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 74Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 75Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 76Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 77Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 74
 2018 Microchip Technology Inc.
14.4.2.2
VddIO
Acquisition Rate (ms)
0 Touches (mA) 1 Touch (mA) 5 Touches (mA)
10 Touches
(mA)
15 Touches
(mA)
Free-run
0.15
1.18
1.16
1.15
1.16
10
0.17
1.21
1.17
1.16
1.16
16
0.17
1.19
1.18
1.17
1.17
32
0.18
1.19
1.20
1.18
1.18
64
0.19
1.21
1.20
1.19
1.19
128
0.19
1.21
1.21
1.19
1.19
254
0.18
1.20
1.20
1.20
1.19
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Free-run
10
16
32
64
128
254
Acquisition Rate (ms)
0 Touches (mA)
1 Touch (mA)
5 Touches (mA)
10 Touches (mA)
15 Touches (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com