전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MXT1664T3-C2UESSQTP 데이터시트(PDF) 82 Page - Microchip Technology

부품명 MXT1664T3-C2UESSQTP
상세설명  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2UESSQTP 데이터시트(HTML) 82 Page - Microchip Technology

Back Button MXT1664T3-C2UESSQTP Datasheet HTML 78Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 79Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 80Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 81Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 82Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 83Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 84Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 85Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 82
 2018 Microchip Technology Inc.
14.9
Input/Output Characteristics
14.10 I2C Specification
14.11 HID-I2C Specification
14.12 USB Specification
Parameter
Description
Min
Typ
Max
Units
Notes
Input (All input pins connected to the VddIO power rail)
Vil
Low input logic level
–0.3
–
0.3 ×
VddIO
V
VddIO = 1.8V to Vdd
Vih
High input logic level
0.7 ×
VddIO
–
VddIO
V
VddIO = 1.8V to Vdd
Iil
Input leakage current
–
–
1
µA
Pull-up resistors disabled
RESET
Internal pull-up resistor
20
40
60
k
GPIOs
Internal pull-up/pull-down resistor
Output (All output pins connected to the VddIO power rail)
Vol
Low output voltage
0
–
0.2 ×
VddIO
V
VddIO = 1.8V to Vdd
Iol = –2 mA
Voh
High output voltage
0.8 ×
VddIO
–
VddIO
V
VddIO = 1.8V to Vdd
Ioh = 2 mA
Parameter
Value
Addresses
0x4A or 0x4B
I2C specification (1)
Revision 6.0
Maximum bus speed (SCL) (2)
1 MHz
Standard Mode (3)
100 kHz
Fast Mode (3)
400 kHz
Fast Mode Plus (3)
1MHz
High Speed Mode (3)
3.4 MHz
Note
1:
More detailed information on I2C operation is available from www.nxp.com/documents/user_manual/UM10204.pdf.
2:
In systems with heavily laden I2C lines, even with minimum pull-up resistor values, bus speed may be limited by
capacitive loading to less than the theoretical maximum.
3:
The values of pull-up resistors should be chosen to ensure SCL and SDA rise and fall times meet the I2C specification.
The value required will depend on the amount of capacitance loading on the lines.
Parameter
Value
Vendor ID
0x03EB (Microchip)
Product ID
0x215D (mXT1664T3)
HID-I2C specification
1.0
Parameter
Value
Endpoint Addresses
0x81 (Endpoint 1)
0x02 (Endpoint 2)
0x83 (Endpoint 3)
Maximum bus speed
12 Mbps
Vendor ID
0x03EB (Microchip)
Product ID
0x215D (mXT1664T3)
USB specification
USB 2.0
HID specification 1.11 with amendments for multitouch digitizers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com