전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC2T45 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LVC2T45
상세설명  Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2T45 데이터시트(HTML) 3 Page - Texas Instruments

  SN74LVC2T45 Datasheet HTML 1Page - Texas Instruments SN74LVC2T45 Datasheet HTML 2Page - Texas Instruments SN74LVC2T45 Datasheet HTML 3Page - Texas Instruments SN74LVC2T45 Datasheet HTML 4Page - Texas Instruments SN74LVC2T45 Datasheet HTML 5Page - Texas Instruments SN74LVC2T45 Datasheet HTML 6Page - Texas Instruments SN74LVC2T45 Datasheet HTML 7Page - Texas Instruments SN74LVC2T45 Datasheet HTML 8Page - Texas Instruments SN74LVC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
2
D
C
B
A
Not to scale
GND
DIR
A2
B2
A1
B1
VCCA
VCCB
1
2
3
4
8
7
6
5
VCCA
A1
A2
GND
VCCB
B1
B2
DIR
3
SN74LVC2T45
www.ti.com
SCES516K – DECEMBER 2003 – REVISED JUNE 2017
Product Folder Links: SN74LVC2T45
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCT or DCU Package
8-Pin SM8 or VSSOP
Top View
YZP Package
8-Pin DSGBA
Bottom View
Pin Functions: DCT, DCU
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VCCA
P
A-port supply voltage. 1.65 V
≤ VCCA ≤ 5.5 V
2
A1
I/O
Input/output A1. Referenced to VCCA
3
A2
I/O
Input/output A2. Referenced to VCCA
4
GND
G
Ground
5
DIR
I
Direction control signal
6
B2
I/O
Input/output B2. Referenced to VCCB
7
B1
I/O
Input/output B1. Referenced to VCCB
8
VCCB
P
B-port supply voltage. 1.65 V
≤ VCCB ≤ 5.5 V
Pin Functions: YZP
PIN
TYPE
DESCRIPTION
BALL
NAME
A1
VCCA
P
A-port supply voltage. 1.65 V
≤ VCCA ≤ 5.5 V
A2
VCCB
P
B-port supply voltage. 1.65 V
≤ VCCB ≤ 5.5 V
B1
A1
I/O
Input/output A1. Referenced to VCCA
B2
B1
I/O
Input/output B1. Referenced to VCCB
C1
A2
I/O
Input/output A2. Referenced to VCCA
C2
B2
I/O
Input/output B2. Referenced to VCCB
D1
GND
G
Ground
D2
DIR
I
Direction control signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com