전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC2T45 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LVC2T45
상세설명  Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2T45 데이터시트(HTML) 5 Page - Texas Instruments

  SN74LVC2T45 Datasheet HTML 1Page - Texas Instruments SN74LVC2T45 Datasheet HTML 2Page - Texas Instruments SN74LVC2T45 Datasheet HTML 3Page - Texas Instruments SN74LVC2T45 Datasheet HTML 4Page - Texas Instruments SN74LVC2T45 Datasheet HTML 5Page - Texas Instruments SN74LVC2T45 Datasheet HTML 6Page - Texas Instruments SN74LVC2T45 Datasheet HTML 7Page - Texas Instruments SN74LVC2T45 Datasheet HTML 8Page - Texas Instruments SN74LVC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
SN74LVC2T45
www.ti.com
SCES516K – DECEMBER 2003 – REVISED JUNE 2017
Product Folder Links: SN74LVC2T45
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
VCCI
VCCO
MIN
MAX
UNIT
(5)
For VCCI values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V.
VIH
High-level
input voltage
DIR
(referenced to VCCA)
(5)
1.65 V to 1.95 V
VCCA × 0.65
V
2.3 V to 2.7 V
1.7
3 V to 3.6 V
2
4.5 V to 5.5 V
VCCA × 0.7
VIL
Low-level
input voltage
DIR
(referenced to VCCA)
(5)
1.65 V to 1.95 V
VCCA × 0.35
V
2.3 V to 2.7 V
0.7
3 V to 3.6 V
0.8
4.5 V to 5.5 V
VCCA × 0.3
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCCO
V
IOH
High-level output current
1.65 V to 1.95 V
–4
mA
2.3 V to 2.7 V
–8
3 V to 3.6 V
–24
4.5 V to 5.5 V
–32
IOL
Low-level output current
1.65 V to 1.95 V
4
mA
2.3 V to 2.7 V
8
3 V to 3.6 V
24
4.5 V to 5.5 V
32
Δt/Δv
Input transition
rise or fall rate
Data inputs
1.65 V to 1.95 V
20
ns/V
2.3 V to 2.7 V
20
3 V to 3.6 V
10
4.5 V to 5.5 V
5
Control input
1.65 V to 5.5 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVC2T45
UNIT
DCT
DCU
YZP
8 PINS
RθJA
Junction-to-ambient thermal resistance
184.0
203.6
105.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
114.7
75.9
1.6
°C/W
RθJB
Junction-to-board thermal resistance
96.4
82.3
10.8
°C/W
ψJT
Junction-to-top characterization parameter
40.8
7.2
3.1
°C/W
ψJB
Junction-to-board characterization parameter
95.4
81.9
10.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com