전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC48F3P0VTQ0 데이터시트(PDF) 64 Page - Intel Corporation

부품명 PC48F3P0VTQ0
상세설명  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 데이터시트(HTML) 64 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 60Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 61Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 62Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 63Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 64Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 65Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 66Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 67Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
64
Order Number: 306666, Revision: 001
11.3.1
BEFP Requirements and Considerations
BEFP requirements:
• Case temperature: TC = 25 °C ± 5 °C
• VCC within specified operating range
• VPP driven to VPPH
• Target block unlocked before issuing the BEFP Setup and Confirm commands
• The first-word address (WA0) for the block to be programmed must be held constant from the
setup phase through all data streaming into the target block, until transition to the exit phase is
desired
• WA0 must align with the start of an array buffer boundary1
BEFP considerations:
• For optimum performance, cycling must be limited below 100 erase cycles per block2
• BEFP programs one block at a time; all buffer data must fall within a single block3
• BEFP cannot be suspended
• Programming to the flash memory array can occur only when the buffer is full4
NOTES:
1.
Word buffer boundaries in the array are determined by A[4:0] (0x00 through 0x1F). The alignment start
point is A[4:0] = 0x00.
2.
Some degradation in performance may occur if this limit is exceeded, but the internal algorithm
continues to work properly.
3.
If the internal address counter increments beyond the block's maximum address, addressing wraps
around to the beginning of the block.
4.
If the number of words is less than 32, remaining locations must be filled with 0xFFFF.
11.3.2
BEFP Setup Phase
After receiving the BEFP Setup and Confirm command sequence, Status Register bit SR[7]
(Ready) is cleared, indicating that the WSM is busy with BEFP algorithm startup. A delay before
checking SR[7] is required to allow the WSM enough time to perform all of its setups and checks
(Block-Lock status, VPP level, etc.). If an error is detected, SR[4] is set and BEFP operation
terminates. If the block was found to be locked, SR[1] is also set. SR[3] is set if the error occurred
due to an incorrect VPP level.
Note:
Reading from the device after the BEFP Setup and Confirm command sequence outputs Status
Register data. Do not issue the Read Status Register command; it will be interpreted as data to be
loaded into the buffer.
11.3.3
BEFP Program/Verify Phase
After the BEFP Setup Phase has completed, the host programming system must check SR[7,0] to
determine the availability of the write buffer for data streaming. SR[7] cleared indicates the device
is busy and the BEFP program/verify phase is activated. SR[0] indicates the write buffer is
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com