전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC48F3P0VTQ0 데이터시트(PDF) 88 Page - Intel Corporation

부품명 PC48F3P0VTQ0
상세설명  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 데이터시트(HTML) 88 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 84Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 85Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 86Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 87Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 88Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 89Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 90Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 91Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
88
Order Number: 306666, Revision: 001
Figure 43.
BEFP Flowchart
NOTES:
1. First-word address to be program med within the target block must be aligned on a write -buffer boundary .
2. Write-buffer contents are program m ed sequentially to the flash array starting at the first word address (WSM internally increm ents addressing ).
BEFP Exit
Repeat for subsequent blocks ;
After BEFP exit, a full Status Register check can
determ ine if any program error occurred ;
See full Status Register check procedure in the
Word Program flowchart.
Write 0xFF to enter Read Array state .
Standby
Read
Bus
State
Operation
Status
Register
Check
Exit
Status
Comm ents
Data = Status Register Data
Address = 1
st Word Addr.
Check SR[7]:
0 = Exit Not Com pleted
1 = Exit Com pleted
BEFP Setup
Comments
Bus
State
Operation
Write
(Note 1)
BEFP
Setup
Write
BEFP
Confirm
Read
Status
Register
Standby
BEFP
Setup
Done?
Write
Unlock
Block
Data = 0x80 @ 1
st Word
Address
Data = 0x80 @ 1
st Word
Address
1
Data = Status Register Data
Address = 1
st Word Addr.
Check SR[7]:
0 = BEFP Ready
1 = BEFP Not Ready
VPPH applied to VPP
Standby
Error
Condition
Check
If SR [7] is set, check:
SR[3] set = VPP Error
SR[1] set = Locked Block
No (SR[0]=1)
Write Data @ 1
st
W ord Address
Last
Data?
W rite 0xFFFF,
Address Not within
Current Block
Program
Done?
Read
Status Reg.
Yes (SR[0]=0)
Y
No (SR[7]=0)
Full Status Check
Procedure
Program
Complete
Read
Status Reg.
BEFP
Exited?
Yes (SR[7]=1)
Start
Write 80h @
1
st Word Address
VPP applied
Block Unlocked
Write D0h @
1
st Word Address
BEFP Setup
Done?
Read
Status Reg.
No (SR[7]=1)
Exit
N
Program & Verify Phase
Exit Phase
Setup Phase
BUFFERED ENHANCED FACTORY PROGRAMMING (BEFP) PROCEDURE
Check
X = 32?
Initialize Count:
X = 0
Increm ent Count:
X = X+1
Y
N
Check VPP, Lock
errors (SR[3,1])
Yes (SR[7]=0)
BEFP Setup delay
Data Stream
Ready?
Read
Status Reg.
Yes (SR[0]=0)
No (SR[0]=1)
BEFP Program & Verify
Comments
Bus
State
Write
(note 2)
Load
Buffer
Standby
Increm ent
Count
Standby
Initialize
Count
Data = Data to Program
Address = 1
st Word Addr.
X = X+1
X = 0
Read
Status
Register
Standby
Program
Done?
Data = Status Reg. Data
Address = 1
st Word Addr.
Check SR [0]:
0 = Program Done
1 = Program in Progress
Write
Exit Prog &
Verify Phase
Data = 0xFFFF @ address
not in current block
Standby
Last
Data?
No = Fill buffer again
Yes = Exit
Standby
Buffer
Full?
X = 32?
Yes = Read SR[0]
No = Load Next Data Word
Read
Standby
Status
Register
Data Stream
Ready?
Data = Status Register Data
Address = 1
st Word Addr.
Check SR [0]:
0 = Ready for Data
1 = Not Ready for Data
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com