전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F723ICK6TR 데이터시트(PDF) 70 Page - STMicroelectronics

부품명 STM32F723ICK6TR
상세설명  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723ICK6TR 데이터시트(HTML) 70 Page - STMicroelectronics

Back Button STM32F723ICK6TR Datasheet HTML 66Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 67Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 68Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 69Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 70Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 71Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 72Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 73Page - STMicroelectronics STM32F723ICK6TR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 229 page
background image
-
37
58
R8
68
37
J5
R8
M7
58
68
PE7
I/O
FT
-
TIM1_ETR, UART7_Rx,
QUADSPI_BK2_IO0, FMC_D4,
EVENTOUT
-
-
38
59
P8
69
38
H5
P8L7
5969
PE8
I/O
FT
-
TIM1_CH1N, UART7_Tx,
QUADSPI_BK2_IO1, FMC_D5,
EVENTOUT
-
-
39
60
P970
39
K5
P9K7
60
70
PE9
I/O
FT
-
TIM1_CH1, UART7_RTS,
QUADSPI_BK2_IO2, FMC_D6,
EVENTOUT
-
-
-
61
M9
71
-
-
M9
H6
61
71
VSS
S
-
-
-
-
-
-
62
N9
72
-
-
N9
G6
62
72
VDD
S
-
-
-
-
-
40
63
R9
73
40
E4
R9
J7
63
73
PE10
I/O
FT
-
TIM1_CH2N, UART7_CTS,
QUADSPI_BK2_IO3, FMC_D7,
EVENTOUT
-
-
41
64
P10
74
41
G4
P10
H8
64
74
PE11
I/O
FT
-
TIM1_CH2, SPI4_NSS,
SAI2_SD_B, FMC_D8,
EVENTOUT
-
-
42
65
R10
75
42
H4
R10
J8
65
75
PE12
I/O
FT
-
TIM1_CH3N, SPI4_SCK,
SAI2_SCK_B, FMC_D9,
EVENTOUT
-
-
43
66
N11
76
43
J4
N11
K8
66
76
PE13
I/O
FT
-
TIM1_CH3, SPI4_MISO,
SAI2_FS_B, FMC_D10,
EVENTOUT
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More