| 전자부품 데이터시트 검색엔진 |
|
STM32F723ICK6TR 데이터시트(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F723ICK6TR 데이터시트(HTML) 80 Page - STMicroelectronics |
|
80 / 229 page ![]() - - 125 B10 153 - - B10 D8 125 153 PG10 I/O FT - SAI2_SD_B, SDMMC2_D1, FMC_NE3, EVENTOUT - - - 126 B9 154 - - B9 C8 126 154 PG11 I/O FT - SDMMC2_D2, FMC_INT, EVENTOUT - - - 127 B8 155 - - B8 B8 127 155 PG12 I/O FT - LPTIM1_IN1, USART6_RTS, SDMMC2_D3, FMC_NE4, EVENTOUT - - - 128 A8 156 - - A8 D7 128 156 PG13 I/O FT - TRACED0, LPTIM1_OUT, USART6_CTS, FMC_A24, EVENTOUT - - - 129 A7 157 - - A7 C7 129 157 PG14 I/O FT - TRACED1, LPTIM1_ETR, USART6_TX, QUADSPI_BK2_IO3, FMC_A25, EVENTOUT - - - 130 D7 158 - - D7 - 130 158 VSS S - - - - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |