| 전자부품 데이터시트 검색엔진 |
|
ST-LINK/V2 데이터시트(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST-LINK/V2 데이터시트(HTML) 10 Page - STMicroelectronics |
|
10 / 19 page ![]() Hardware configuration UM1075 10/19 UM1075 Rev 8 Figure 6. Key detail on connectors 4.1.2 Low-cost SWIM connection Figure 7 shows how to connect the ST-LINK/V2 if a 4-pin, 2.54 mm, low-cost SWIM connector is present on the application board. Figure 7. Low-cost connection 1. A = Target application board with 4-pin, 2.54 mm, low-cost connector 2. B = Wire cable with a 4-pin connector or separate-wires cable 3. C = STM8 SWIM target connector 4. See Figure 12 4.1.3 SWIM signals and connections Table 2 summarizes the signal names, functions, and target connection signals using the wire cable with a 4-pin connector. A B C A B C |