| 전자부품 데이터시트 검색엔진 |
|
ST-LINK/V2 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST-LINK/V2 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 19 page ![]() Hardware configuration UM1075 12/19 UM1075 Rev 8 4.2 Connection with STM32 For development of applications based on STM32 microcontrollers the ST-LINK/V2 needs to be connected to the application using the standard 20-pin JTAG flat ribbon provided. Table 4 summarizes the signals names, functions, and target connection signals of the standard 20-pin JTAG flat ribbon. Table 4. JTAG/SWD cable connections Pin no. ST-LINK/V2 connector (CN3) ST-LINK/V2 function Target connection (JTAG) Target connection (SWD) 1 VAPP Target VCC MCU VDD(1) 1. The power supply from the application board is connected to the ST-LINK/V2 debugging and programming board to ensure signal compatibility between the boards. MCU VDD(1) 2 3 TRST JTAG TRST JNTRST GND(2) 2. Connect to GND for noise reduction on the ribbon. 4GND(3) 3. Available on ST-LINK/V2 only, not connected on ST-LINK/V2-ISOL. GND(3) GND(3)(4) 4. At least one of this pin must be connected to the ground for correct behavior (connecting all of them is recommended). GND(3)(4) 5 TDI JTAG TDO JTDI GND(2) 6GND(3) GND(3) GND(3)(4) GND(3)(4) 7 TMS_SWDIO JTAG TMS, SW IO JTMS SWDIO 8GND(3) GND(3) GND(3)(4) GND(3)(4) 9 TCK_SWCLK JTAG TCK, SW CLK JTCK SWCLK 10 GND(5) 5. GND on ST-LINK/V2, used by SWIM on ST-LINK/V2-ISOL (see Table 3). GND(5) GND(4)(5) GND(4)(5) 11 Not connected Not connected Not connected Not connected 12 GND GND GND(4) GND(4) 13 TDO_SWO JTAG TDI, SWO JTDO TRACESWO(6) 6. Optional: for Serial Wire Viewer (SWV) trace. 14 GND(5) GND(5) GND(4)(5) GND(4)(5) 15 NRST NRST NRST NRST 16 GND(3) GND(3) GND(3)(4) GND(3)(4) 17 Not connected Not connected Not connected Not connected 18 GND GND GND(4) GND(4) 19 VDD(3) VDD (3.3 V)(3) Not connected Not connected 20 GND GND GND(4) GND(4) |