| 전자부품 데이터시트 검색엔진 |
|
STM32F723ICT7TR 데이터시트(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F723ICT7TR 데이터시트(HTML) 89 Page - STMicroelectronics |
|
89 / 229 page ![]() Table 12. STM32F722xx and STM32F723xx alternate function mapping Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/1 1/LPTIM1 I2C1/2/3/U SART1 SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/5 SPI2/I2S2/ SPI3/I2S3/ SPI3/I2S3/ SAI1/ UART4 SPI2/I2S2/S PI3/I2S3/US ART1/2/3/UA RT5 SAI2/USART 6/UART4/5/7/ 8/OTG1_FS CAN1/TIM1 2/13/14/QU ADSPI/ FMC/ OTG2_HS SAI2/QUAD SPI/SDMM C2/OTG2_ HS/OTG1_ FS SDMMC2 UART7/F MC/SDM MC1/ OTG2_FS SYS Port A PA0 - TIM2_CH1 /TIM2_ET R TIM5_CH1 TIM8_ETR - - - USART2_CT S UART4_ TX - SAI2_SD_B - - EVEN TOUT PA1 - TIM2_CH2 TIM5_CH2 - - - - USART2_RT S UART4_RX QUADSPI_ BK1_IO3 SAI2_MCK _B -- EVEN TOUT PA2 - TIM2_CH3 TIM5_CH3 TIM9_CH1 - - - USART2_TX SAI2_SCK_B - - - - EVEN TOUT PA3 - TIM2_CH4 TIM5_CH4 TIM9_CH2 - - - USART2_RX - - OTG_HS_U LPI_D0 -- EVEN TOUT PA4 - - - - - SPI1_NSS /I2S1_WS SPI3_NSS /I2S3_WS USART2_CK - - - - OTG_HS_ SOF EVEN TOUT PA5 - TIM2_CH1 /TIM2_ET R - TIM8_CH1 N - SPI1_SCK /I2S1_CK -- - - OTG_HS_U LPI_CK -- EVEN TOUT PA6 - TIM1_BKI N TIM3_CH1 TIM8_BKIN - SPI1_MIS O - - - TIM13_CH1 - - - EVEN TOUT PA7 - TIM1_CH1 N TIM3_CH2 TIM8_CH1 N - SPI1_MO SI/I2S1_S D - - - TIM14_CH1 - - FMC_SDN WE EVEN TOUT PA8 MCO1 TIM1_CH1 - TIM8_BKIN 2 I2C3_SCL - - USART1_CK - - OTG_FS_S OF -- EVEN TOUT PA9 - TIM1_CH2 - - I2C3_SMB A SPI2_SCK /I2S2_CK - USART1_TX - - - - - EVEN TOUT PA10 - TIM1_CH3 - - - - - USART1_RX - - OTG_FS_I D -- EVEN TOUT PA11 - TIM1_CH4 - - - - - USART1_CT S - CAN1_RX OTG_FS_D M -- EVEN TOUT |