전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F723ICT7TR 데이터시트(PDF) 91 Page - STMicroelectronics

부품명 STM32F723ICT7TR
상세설명  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723ICT7TR 데이터시트(HTML) 91 Page - STMicroelectronics

Back Button STM32F723ICT7TR Datasheet HTML 87Page - STMicroelectronics STM32F723ICT7TR Datasheet HTML 88Page - STMicroelectronics STM32F723ICT7TR Datasheet HTML 89Page - STMicroelectronics STM32F723ICT7TR Datasheet HTML 90Page - STMicroelectronics STM32F723ICT7TR Datasheet HTML 91Page - STMicroelectronics STM32F723ICT7TR Datasheet HTML 92Page - STMicroelectronics STM32F723ICT7TR Datasheet HTML 93Page - STMicroelectronics STM32F723ICT7TR Datasheet HTML 94Page - STMicroelectronics STM32F723ICT7TR Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 229 page
background image
Port B
PB9
-
-
TIM4_CH4 TIM11_CH1
I2C1_SDA
SPI2_NSS
/I2S2_WS
-
-
-
CAN1_TX
SDMMC2_
D5
-
SDMMC1
_D5
EVEN
TOUT
PB10
-
TIM2_CH3
-
-
I2C2_SCL
SPI2_SCK
/I2S2_CK
-
USART3_TX
-
-
OTG_HS_U
LPI_D3
--
EVEN
TOUT
PB11
-
TIM2_CH4
-
-
I2C2_SDA
-
-
USART3_RX
-
-
OTG_HS_U
LPI_D4
--
EVEN
TOUT
PB12
-
TIM1_BKI
N
--
I2C2_SMB
A
SPI2_NSS
/I2S2_WS
-
USART3_CK
-
-
OTG_HS_U
LPI_D5
-
OTG_HS_
ID
EVEN
TOUT
PB13
-
TIM1_CH1
N
--
-
SPI2_SCK
/I2S2_CK
-
USART3_CT
S
--
OTG_HS_U
LPI_D6
--
EVEN
TOUT
PB14
-
TIM1_CH2
N
-
TIM8_CH2
N
-
SPI2_MIS
O
-
USART3_RT
S
-
TIM12_CH1
SDMMC2_
D0
-
OTG_HS_
DM
EVEN
TOUT
PB15
RTC_REF
IN
TIM1_CH3
N
-
TIM8_CH3
N
-
SPI2_MO
SI/I2S2_S
D
-
-
-
TIM12_CH2
SDMMC2_
D1
-
OTG_HS_
DP
EVEN
TOUT
Port C
PC0
-
--
-
-
--
-
SAI2_FS_B
-
OTG_HS_U
LPI_STP
-
FMC_SDN
WE
EVEN
TOUT
PC1
TRACED0
-
-
-
-
SPI2_MO
SI/I2S2_S
D
SAI1_SD_
A
--
-
-
-
-
EVEN
TOUT
PC2
-
-
-
-
-
SPI2_MIS
O
--
-
-
OTG_HS_U
LPI_DIR
-
FMC_SDN
E0
EVEN
TOUT
PC3
-
-
-
-
-
SPI2_MO
SI/I2S2_S
D
--
-
-
OTG_HS_U
LPI_NXT
-
FMC_SDC
KE0
EVEN
TOUT
Table 12. STM32F722xx and STM32F723xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/1
1/LPTIM1
I2C1/2/3/U
SART1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/5
SPI2/I2S2/
SPI3/I2S3/
SPI3/I2S3/
SAI1/
UART4
SPI2/I2S2/S
PI3/I2S3/US
ART1/2/3/UA
RT5
SAI2/USART
6/UART4/5/7/
8/OTG1_FS
CAN1/TIM1
2/13/14/QU
ADSPI/
FMC/
OTG2_HS
SAI2/QUAD
SPI/SDMM
C2/OTG2_
HS/OTG1_
FS
SDMMC2
UART7/F
MC/SDM
MC1/
OTG2_FS
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More