전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IIS2MDC 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 IIS2MDC
상세설명  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDC 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button IIS2MDC Datasheet HTML 11Page - STMicroelectronics IIS2MDC Datasheet HTML 12Page - STMicroelectronics IIS2MDC Datasheet HTML 13Page - STMicroelectronics IIS2MDC Datasheet HTML 14Page - STMicroelectronics IIS2MDC Datasheet HTML 15Page - STMicroelectronics IIS2MDC Datasheet HTML 16Page - STMicroelectronics IIS2MDC Datasheet HTML 17Page - STMicroelectronics IIS2MDC Datasheet HTML 18Page - STMicroelectronics IIS2MDC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
DocID030986 Rev 1
15/40
IIS2MDC
Terminology
40
3
Terminology
3.1
Sensitivity
Sensitivity describes the ratio of the output digital data expressed in LSB units and the
applied magnetic field expressed in mG (milligauss). It can be measured, for example, by
applying a known magnetic field along one axis and measuring the digital output of the
device.
3.2
Zero-gauss level
Zero-gauss level offset (TyOff) describes the deviation of an actual output signal from the
ideal output if no magnetic field is present.
3.3
Magnetic dynamic range
The magnetic dynamic range of the sensor can be fully exploited when the applied magnetic
field is entirely aligned with one of the sensitive axes of the sensor.
In the presence of a stray field in the cross-axis direction, the exploitable magnetic dynamic
range (maximum module) can decrease.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40