전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IIS2MDC 데이터시트(PDF) 36 Page - STMicroelectronics

부품명 IIS2MDC
상세설명  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDC 데이터시트(HTML) 36 Page - STMicroelectronics

Back Button IIS2MDC Datasheet HTML 32Page - STMicroelectronics IIS2MDC Datasheet HTML 33Page - STMicroelectronics IIS2MDC Datasheet HTML 34Page - STMicroelectronics IIS2MDC Datasheet HTML 35Page - STMicroelectronics IIS2MDC Datasheet HTML 36Page - STMicroelectronics IIS2MDC Datasheet HTML 37Page - STMicroelectronics IIS2MDC Datasheet HTML 38Page - STMicroelectronics IIS2MDC Datasheet HTML 39Page - STMicroelectronics IIS2MDC Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Package information
IIS2MDC
36/40
DocID030986 Rev 1
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
9.1
LGA-12 package information
Figure 9. LGA-12 2.0 x 2.0 x 0.7 mm package outline and mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40