전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP63 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP63
상세설명  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP63 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TMP63 Datasheet HTML 6Page - Texas Instruments TMP63 Datasheet HTML 7Page - Texas Instruments TMP63 Datasheet HTML 8Page - Texas Instruments TMP63 Datasheet HTML 9Page - Texas Instruments TMP63 Datasheet HTML 10Page - Texas Instruments TMP63 Datasheet HTML 11Page - Texas Instruments TMP63 Datasheet HTML 12Page - Texas Instruments TMP63 Datasheet HTML 13Page - Texas Instruments TMP63 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
7.3.1 TMP63-Q1 R-T table
The TMP63-Q1 R-T table must be re-calculated for any change in the bias voltage, bias resistor, or bias current.
TI provides a Thermistor Design Tool to calculate the R-T table. The system designer must always validate the
calculations provided.
7.3.2 Linear Resistance Curve
The TMP63-Q1 has good linear behavior across the whole temperature range as shown in Figure 6-3. This
range allows a simpler resistance-to-temperature conversion method that reduces look-up table memory
requirements. The linearization circuitry or midpoint calibration associated with traditional NTCs is not necessary
with the device .
The linear resistance across the entire temperature range allows the device to maintain sensitivity at higher
operating temperatures.
7.3.3 Positive Temperature Coefficient (PTC)
The TMP63-Q1 has a positive temperature coefficient. As temperature increases the device resistance
increases leading to a reduction in power consumption of the bias circuit. In comparison, a negative coefficient
system increases power consumption with temperature as the resistance decreases.
The TMP63-Q1 benefits from the reduced power consumption of the bias circuit with less self-heating than a
typical NTC system.
7.3.4 Built-In Fail Safe
The TMP6 family feature a positive tempeature coefficient. During a short-to-supply condition, the thermistor will
have increased current and power dissipated. Due to the positive temperature slope, the TMP6 will increase
resistance and limit self-heating by design.
In contrast, a NTC would continually reduce resistance due to self-heating leading to a positive feedback of
increasing power dissipation and decreasing resistance.
7.4 Device Functional Modes
The device operates in only one mode when operated within the Recommended Operating Conditions.
TMP63-Q1
SNIS215C – JANUARY 2020 – REVISED SEPTEMBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMP63-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com