전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP63 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP63
상세설명  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP63 데이터시트(HTML) 2 Page - Texas Instruments

  TMP63 Datasheet HTML 1Page - Texas Instruments TMP63 Datasheet HTML 2Page - Texas Instruments TMP63 Datasheet HTML 3Page - Texas Instruments TMP63 Datasheet HTML 4Page - Texas Instruments TMP63 Datasheet HTML 5Page - Texas Instruments TMP63 Datasheet HTML 6Page - Texas Instruments TMP63 Datasheet HTML 7Page - Texas Instruments TMP63 Datasheet HTML 8Page - Texas Instruments TMP63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................4
Pin Functions.................................................................... 4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings ....................................... 5
6.2 ESD Ratings .............................................................. 5
6.3 Recommended Operating Conditions ........................5
6.4 Thermal Information ...................................................5
6.5 Electrical Characteristics ............................................6
6.6 Typical Characteristics................................................ 7
7 Detailed Description........................................................9
7.1 Overview..................................................................... 9
7.2 Functional Block Diagram........................................... 9
7.3 Feature Description.....................................................9
7.4 Device Functional Modes..........................................10
8 Application and Implementation.................................. 11
8.1 Application Information..............................................11
8.2 Typical Application.................................................... 11
9 Power Supply Recommendations................................16
10 Layout...........................................................................16
10.1 Layout Guidelines................................................... 16
10.2 Layout Example...................................................... 16
11 Device and Documentation Support..........................17
11.1 Receiving Notification of Documentation Updates.. 17
11.2 Support Resources................................................. 17
11.3 Trademarks............................................................. 17
11.4 Electrostatic Discharge Caution.............................. 17
11.5 Glossary.................................................................. 17
12 Mechanical, Packaging, and Orderable
Information.................................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (June 2020) to Revision C (September 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added AEC-Q100 Temperature Grade 0 rating for SOT-5X3/DYA package...................................................... 1
• Moved HBM and CDM ESD classification levels to ESD Ratings table............................................................. 1
• Removed DYA preview notice............................................................................................................................ 1
• Updated Device Comparison table with 150 °C rating for DYA packages..........................................................3
• Increased maximum junction temperature from 150 to 155 in Absolute Maximum Ratings Table..................... 5
• Increased maximum storage temperature from 150 to 155 in Absolute Maximum Ratings Table......................5
• Added DYA TA support to Recommended Operating Conditions Table............................................................. 5
• Added DYA package to Thermal Information table.............................................................................................5
• Added 1000 hour Long Term Drift specification for DYA package......................................................................6
• Changed the Typical Characteristics section......................................................................................................7
• Added Built-In Fail Safe section........................................................................................................................10
Changes from Revision A (March 2020) to Revision B (June 2020)
Page
• Added DYA package as preview information......................................................................................................1
• Updated Device Comparison table..................................................................................................................... 3
• Corrected view description in Pin Configuration and Functions......................................................................... 4
• Changed Maximum ISNS from 400 µA to 40 µA in Recommended Operating Conditions Table ..................... 5
Changes from Revision * (December 2019) to Revision A (March 2020)
Page
• Updated Title.......................................................................................................................................................1
• Changed device status from Advanced Information to Production Data............................................................ 1
• Updated features list...........................................................................................................................................1
• Updated Applications..........................................................................................................................................1
• Updated Description........................................................................................................................................... 1
• Updated Thermistor Design Tool link................................................................................................................10
TMP63-Q1
SNIS215C – JANUARY 2020 – REVISED SEPTEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMP63-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com