전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAS3507D 데이터시트(PDF) 6 Page - Micronas

부품명 MAS3507D
상세설명  MPEG 1/2 Layer 2/3 Audio Decoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRONAS [Micronas]
홈페이지  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3507D 데이터시트(HTML) 6 Page - Micronas

Back Button MAS3507D Datasheet HTML 2Page - Micronas MAS3507D Datasheet HTML 3Page - Micronas MAS3507D Datasheet HTML 4Page - Micronas MAS3507D Datasheet HTML 5Page - Micronas MAS3507D Datasheet HTML 6Page - Micronas MAS3507D Datasheet HTML 7Page - Micronas MAS3507D Datasheet HTML 8Page - Micronas MAS3507D Datasheet HTML 9Page - Micronas MAS3507D Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
MAS 3507D
PRELIMINARY DATA SHEET
6
Micronas
1.2. Application Overview
The MAS 3507D can be applied in two major environ-
ments: in multimedia mode or in broadcast mode. For
both modes, the DAC 3550A fits perfectly to the
requirements of the MAS 3507D. It is a high-quality
multi sample rate DAC (8 kHz ... 50 kHz) with internal
crystal oscillator, which is only needed for generating
the decoder clock, and integrated stereo headphone
amplifier plus 2 stereo inputs.
1.2.1. Multimedia Mode
In a memory-based multimedia environment, the easi-
est way to incorporate a MAS 3507D decoder is to use
its data-demand pin. This pin can be used directly to
request input bit stream data from the host or memory
system.
While the demand pin is active, the data stream shall
be transmitted to the MAS 3507D. The bit stream clock
should be higher than the actual data rate of the
MPEG bit stream (1 MHz bit stream clock works with
all MPEG bit rates). The demand signal will be active
until the input buffer of the MAS 3507D is filled.
A delayed response of the host to the demand signal
(by several milliseconds) or an interrupted response of
the host will be tolerated by the MAS 3507D as long as
the input buffer does not run empty. A PC might use its
DMA capabilities to transfer the data in the background
to the MAS 3507D without interfering with its fore-
ground processes.
The source of the bit stream may be a memory (e.g.
ROM, Flash) or PC peripherals, such as CD-ROM
drive, an ISDN card, a hard disk or a floppy disk drive.
1.2.2. Broadcast Mode
In environments where the bit stream is delivered from
an independent transmitter to one or more receivers,
the MAS 3507D cannot act as master for the bit
stream clock. In this mode, it synchronizes itself to the
incoming bit stream data rate by a digital PLL and gen-
erates a synchronized digital audio sample clock for
the required output sample rates.
Fig. 1–2: Block diagram of a MAS 3507D, decoding a stored bit stream in multimedia mode
Fig. 1–3: Block diagram of a MAS 3507D in a broadcast environment
MAS 3507D
ROM, CD-ROM,
RAM, Flash Mem. ..
DAC
Host
3550A
(PC, Controller)
I2S
line out
I2C
demand signal
demand clock
MPEG bit stream
CLKI
CLKOUT
14.725 MHz
MAS 3507D
DAC
Receiver
3550A
Front-end
I2S
line out
CLKI
control I2C
L3 bit stream
(fixed rate)
clock
14.725 MHz
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com