전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ25302 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ25302
상세설명  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 데이터시트(HTML) 21 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 17Page - Texas Instruments BQ25302 Datasheet HTML 18Page - Texas Instruments BQ25302 Datasheet HTML 19Page - Texas Instruments BQ25302 Datasheet HTML 20Page - Texas Instruments BQ25302 Datasheet HTML 21Page - Texas Instruments BQ25302 Datasheet HTML 22Page - Texas Instruments BQ25302 Datasheet HTML 23Page - Texas Instruments BQ25302 Datasheet HTML 24Page - Texas Instruments BQ25302 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
9.2.1 Typical Application
The typical application in this section includes a standalone charger without power path.
2.2 …F
2.2 …F
47 nF
REGN
10 …F
VBUS
REGN
REGN
ICHG
VSET
GND
Q3
Q1
Q2
BAT
TS
PGND
BTST
SW
VBUS
2.2 …F
PMID
REGN
STAT
Figure 9-1. Typical Application Diagram (1-µH inductor is recommended)
9.2.1.1 Design Requirements
Table 9-1. Design Requirements
PARAMETER
VALUE
Input Voltage
4.1V to 6.2V
Input Current
2.0A
Fast Charge Current
2.0A
Battery Regulation Voltage
4.1V/4.2V/4.35V/4.4V
9.2.1.2 Detailed Design Procedure
9.2.1.2.1 Charge Voltage Settings
Battery charge voltage is set by a resistor connected at the VSET pin. When the REGN LDO startup conditions
are met, and before the REGN LDO powers up, the internal VSET detection circuit is enabled to detect VSET pin
resistance and set battery charge voltage accordingly. The VSET detection circuit is disabled after detection is
complete and changing resistance values on the fly does not change the battery charge voltage. VSET detection
is reenabled once the REGN LDO is recycled.
9.2.1.2.2 Charge Current Setting
The charger current is set by the resistor value at the ICHG pin according to the equation below:
ICHG (A) = KICHG (A·Ω) / RICHG(Ω)
KICHG is a coefficient that is listed in Electrical Characteristics table and RICHG is the resistor value from ICHG pin
to GND. KICHG is typically 40,000 (A·Ω) and it is slightly shifted up at lower charge current setting. The KICHG vs.
ICHG typical characteresitc curve is shown in Figure 7-6.
9.2.1.2.3 Inductor Selection
The 1.2-MHz switching frequency allows the use of small inductor and capacitor values to maintain an inductor
saturation current higher than the charging current (ICHG) plus half the ripple current (IRIPPLE):
www.ti.com
BQ25302
SLUSCZ3 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com