전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ25302 데이터시트(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ25302
상세설명  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 데이터시트(HTML) 24 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 20Page - Texas Instruments BQ25302 Datasheet HTML 21Page - Texas Instruments BQ25302 Datasheet HTML 22Page - Texas Instruments BQ25302 Datasheet HTML 23Page - Texas Instruments BQ25302 Datasheet HTML 24Page - Texas Instruments BQ25302 Datasheet HTML 25Page - Texas Instruments BQ25302 Datasheet HTML 26Page - Texas Instruments BQ25302 Datasheet HTML 27Page - Texas Instruments BQ25302 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
9.2.2 Typical Application with External Power Path
In the case where a system needs to be immediately powered up from VBUS when the battery is overdischarged
or dead, the application circuit shown in Figure 9-6 can be used to provide a power path from VBUS/PMID to
VSYS. PFET Q4 is an external PFET that turns on to supply VSYS from the battery when VBUS is removed;
PFET Q4 turns off when VBUS is plugged in and VSYS is supplied from VBUS/PMID.
2.2 …F
2.2 …F
REGN
47 nF
R
VSYS
10 µF
REGN
10 …F
VBUS
REGN
REGN
STAT
ICHG
GND
Q3
Q1
Q2
PMID
BAT
TS
PGND
BTST
SW
Q4
VBUS
VBUS
Figure 9-6. Typical Application Diagram with Power Path
9.2.2.1 Design Requirements
For design requirements, see Section 9.2.1.1.
BQ25302
SLUSCZ3 – OCTOBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com