전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XGCS49LB201 데이터시트(PDF) 2 Page - Schneider Electric

부품명 XGCS49LB201
상세설명  Panel Smart antenna with pilot lights
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XGCS49LB201 데이터시트(HTML) 2 Page - Schneider Electric

  XGCS49LB201 Datasheet HTML 1Page - Schneider Electric XGCS49LB201 Datasheet HTML 2Page - Schneider Electric XGCS49LB201 Datasheet HTML 3Page - Schneider Electric XGCS49LB201 Datasheet HTML 4Page - Schneider Electric XGCS49LB201 Datasheet HTML 5Page - Schneider Electric XGCS49LB201 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
IK degree of protection
IK02 conforming to EN 50102
Electromagnetic compatibility
Electrostatic discharge immunity test: (contact discharge), 3, 6 kV, conforming to
IEC 61000-4-2
Electrostatic discharge immunity test: (air discharge), 3, 8 kV, conforming to IEC
61000-4-2
Electrical fast transient/burst immunity test: (signal ports), 3, 1 kV, conforming to
IEC 61000-4-4
Electrical fast transient/burst immunity test: (power ports), 3, 2 kV, conforming to
IEC 61000-4-4
Susceptibility to electromagnetic fields: , 3, 10 V/m, conforming to IEC 61000-4-3
1.2/50 µs shock waves immunity test: , 3, 10 kV, conforming to IEC 61000-4-5
Conducted RF disturbances: , 3, 10 V, conforming to IEC 61000-4-6
Magnetic field at power frequency: , 4, 30 A/m, conforming to IEC 61000-4-8
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
74 g
Package 1 Height
6.4 cm
Package 1 width
9 cm
Package 1 Length
4.4 cm
Unit Type of Package 2
S01
Number of Units in Package 2
22
Package 2 Weight
1.74 kg
Package 2 Height
15 cm
Package 2 width
15 cm
Package 2 Length
40 cm
Offer Sustainability
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com