전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XGCS49LB201 데이터시트(PDF) 4 Page - Schneider Electric

부품명 XGCS49LB201
상세설명  Panel Smart antenna with pilot lights
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XGCS49LB201 데이터시트(HTML) 4 Page - Schneider Electric

  XGCS49LB201 Datasheet HTML 1Page - Schneider Electric XGCS49LB201 Datasheet HTML 2Page - Schneider Electric XGCS49LB201 Datasheet HTML 3Page - Schneider Electric XGCS49LB201 Datasheet HTML 4Page - Schneider Electric XGCS49LB201 Datasheet HTML 5Page - Schneider Electric XGCS49LB201 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Product data sheet
Connections and Schema
XGCS49LB201
Connections
Modbus Connections
Pin no.
Modbus smart antenna signal
1
Drain (Modbus-SHLD)
2
+ 24 VDC
3
0 V/Modbus-GND
4
D0
5
D1
Connection Examples
Connection to a Terminal
(1) Power supply
(2) Network Tee
(3) Male M12 connector
(4) Terminal
(5) Smart antenna



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com