| 전자부품 데이터시트 검색엔진 |
|
RA2A1 데이터시트(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA2A1 데이터시트(HTML) 39 Page - Renesas Technology Corp |
|
39 / 100 page ![]() R01DS0354EJ0110 Rev.1.10 Page 39 of 100 Mar 16, 2020 RA2A1 Datasheet 2. Electrical Characteristics Figure 2.19 Voltage dependency in low-speed operating mode (reference data) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 VCC (V) Ta = 25 , ICLK = 1MHz *1 Ta = 105 , ICLK = 1MHz *2 Ta = 105 , ICLK = 1MHz*2 Ta = 25 , ICLK = 1MHz*1 Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper limit samples during product evaluation. |