| 전자부품 데이터시트 검색엔진 |
|
RA2A1 데이터시트(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA2A1 데이터시트(HTML) 13 Page - Renesas Technology Corp |
|
13 / 100 page ![]() R01DS0354EJ0110 Rev.1.10 Page 13 of 100 Mar 16, 2020 RA2A1 Datasheet 1. Overview Analog power supply AVCC0 Input Analog voltage supply pin for the ADC16, DAC12, DAC8, ACMPHS, ACMPLP, and OPAMP AVSS0 Input Analog ground pin for the ADC16, DAC12, DAC8, ACMPHS, ACMPLP, and OPAMP AVCC1 Input Analog voltage supply pin for the SDADC24 AVSS1 Input Analog ground pin for the SDADC24 VREFH0 Input Analog reference voltage supply pin for the ADC16. Connect this pin to AVCC0 when not using the ADC16. VREFL0 Input Analog reference ground pin for the ADC16. Connect this pin to AVSS0 when not using the ADC16. VREFH Input Analog reference voltage supply pin for the DAC12 VREFL Input Analog reference ground pin for the DAC12 ADC16 AN000 to AN008, AN016 to AN023 Input Input pins for the analog signals to be processed by the A/D converter ADTRG0 Input Input pins for the external trigger signals that start the A/D conversion, active-low SDADC24 ANSD0P to ANSD3P Input Input pins for the analog signals to be processed by the SDADC24 ANSD0N to ANSD3N Input Input pins for the analog signals to be processed by the SDADC24 ADREG Output Regulator capacitance for the SDADC24 SBIAS Output Sensor power supply VREFI Input External reference voltage supply pin for the SDADC24 DAC12 DA12_0 Output Output pin for the analog signals to be processed by the 12-bit D/A converter DAC8 DA8_0, DA8_1 Output Output pins for the analog signals to be processed by the 8-bit D/A converter Comparator output VCOUT Output Comparator output pin ACMPHS IVREF0 to IVREF2 Input Reference voltage input pin IVCMP0 to IVCMP2 Input Analog voltage input pin ACMPLP CMPREF0, CMPREF1 Input Reference voltage input pins CMPIN0, CMPIN1 Input Analog voltage input pins OPAMP AMP0+ to AMP2+ Input Analog voltage input pins AMP0- to AMP2- Input Analog voltage input pins AMP0O to AMP2O Output Analog voltage output pins CTSU TS00 to TS25 Input Capacitive touch detection pins (touch pins) TSCAP - Secondary power supply pin for the touch driver KINT KR00 to KR07 Input Key interrupt input pins Table 1.14 Pin functions (3 of 4) Function Signal I/O Description |