전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-LLL009V1 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STEVAL-LLL009V1
상세설명  300 W very high AC input voltage LED driver with digital power control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LLL009V1 데이터시트(HTML) 5 Page - STMicroelectronics

  STEVAL-LLL009V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 4. Power board - Aux power supply
FB-VIPER26K
FB-VIPER26K
VDD-VIPER26K
VDD-VIPER26K
5V-SEC-I/P
5V-SEC-I/P
+725V DC
+5V DC - PRI
Vcc SEC
+5V-SECONDARY
+5V DC - SEC
+5V DC - PRI
+15V DC - PRI
O/P-PFC
+5V-PRIMARY
Vcc SECONDARY
+15V-PRIMARY
R15
1K-0805
R17
8.2K-0805
R170
220K-1206-1/2W
D6
1
2
STPS2200U
C18
100nF-0805
U1
3
VOUT
1
KF50BDT-TR
VIN
L6
1uH
C109
2.2nF
C19
22uF-35V
TP6
VDD-VIPER26
C17
470nF-0805
R13
39K-0805-1%
D11
1
2
STPS2200U
C7
100nF-0805
C8
2.2uF-0805
TP1
Vc cSeccndary
U2
VIPer267KDTR
C26
100nF-0805
R67
2.2E-1206
C57
22uF-35V
R171
10E-1206
D46
1
2
STTH112A
C11
100nF-0805
C30
47uF-35V
D44
1
2
STPS2200U
D7
1
2
STTH112A
C14
47uF-35V
R14
9.1K-0805-1%
C20
100nF-0805
D8
1
2
STPS2200U
T2
8
5
3
10
1
2
9
1031.0015
C21
2.2uF-0805
C13
10nF-0805
C119
100uF-35V
C102
1nF-2kk-1206
TP2
Vc cPrimary
U3
3
VOUT
KF50BDT-TR
1
VIN
C22
1nF-0805
D9
1
2
RED LED
R18
10E-1206
C10
2.2uF-0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com