전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-LLL009V1 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STEVAL-LLL009V1
상세설명  300 W very high AC input voltage LED driver with digital power control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LLL009V1 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-LLL009V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-LLL009V1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Figure 6. Daughter board - PFC voltage read with isolation
+750V DC
+5V-PRIMARY
+5V DC - PRI
0
0
0
0
+5V-SECONDARY
+5V DC - SEC
+5V DC - SEC
O/P-PFC
DC-BUS MONITOR
DC-BUS MONITOR
O/P-PFC
+5V-PRIMARY
2.54mm pitch
Right Angle Male
8-SMD, Gull Wing
C54
100nF-0805
J13
CON4
R74
750K-1206
R87
2.2K-0805
C61
100nF-0805
R80
8.2K-0805
J14
CON3
R63
750K-1206
R86
2.2K-0805
R82
560E-0805
R69
750K-1206
R79
3.9K-0805
C57
150pF-0805
U8
1
VDD1
2
VIN+
3
VIN-
ACPL-782T-500E
4
GND1
5
GND2
6
VOUT-
8
VDD2
7
VOUT+
D20
9.1V-1/2W
C62
10nF-0805
D22
RED LED
R88
160E-0805
R70
750K-1206
U9
3
4
1
TSZ121ILT
R67
750K-1206
CC6655
115500ppFF--00880055
R62
750K-1206
C59
100nF-0805
R93
3.9K-0805
R73
750K-1206
R85
39E-0805
R71
+5V DC - PRI
L2
470Ohm 100MHz
750K-1206
R72
750K-1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com