전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G031C4 데이터시트(PDF) 92 Page - STMicroelectronics

부품명 STM32G031C4
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031C4 데이터시트(HTML) 92 Page - STMicroelectronics

Back Button STM32G031C4 Datasheet HTML 88Page - STMicroelectronics STM32G031C4 Datasheet HTML 89Page - STMicroelectronics STM32G031C4 Datasheet HTML 90Page - STMicroelectronics STM32G031C4 Datasheet HTML 91Page - STMicroelectronics STM32G031C4 Datasheet HTML 92Page - STMicroelectronics STM32G031C4 Datasheet HTML 93Page - STMicroelectronics STM32G031C4 Datasheet HTML 94Page - STMicroelectronics STM32G031C4 Datasheet HTML 95Page - STMicroelectronics STM32G031C4 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 117 page
background image
Electrical characteristics
STM32G031x4/x6/x8
92/117
DS12992 Rev 2
tsu(NSS)
NSS setup time
Slave mode
tker + 2
-
-
ns
th(NSS)
NSS hold time
Slave mode
2
-
-
tw(CKH)
CK high time
Master mode
1 / fCK / 2
- 1
1 / fCK / 2
1 / fCK / 2
+ 1
tw(CKL)
CK low time
tsu(RX)
Data input setup time
Master mode
tker + 2
-
-
Slave mode
3
-
-
th(RX)
Data input hold time
Master mode
2
-
-
Slave mode
1
-
-
tv(TX)
Data output valid time
Master mode
-
1
2
Slave mode
-
10
19
th(TX)
Data output hold time
Master mode
0
-
-
Slave mode
7
-
-
Table 70. USART characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More