전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G031C4 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 STM32G031C4
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031C4 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button STM32G031C4 Datasheet HTML 37Page - STMicroelectronics STM32G031C4 Datasheet HTML 38Page - STMicroelectronics STM32G031C4 Datasheet HTML 39Page - STMicroelectronics STM32G031C4 Datasheet HTML 40Page - STMicroelectronics STM32G031C4 Datasheet HTML 41Page - STMicroelectronics STM32G031C4 Datasheet HTML 42Page - STMicroelectronics STM32G031C4 Datasheet HTML 43Page - STMicroelectronics STM32G031C4 Datasheet HTML 44Page - STMicroelectronics STM32G031C4 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 117 page
background image
Table 14. Port B alternate function mapping
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PB0
SPI1_NSS/
I2S1_WS
TIM3_CH3
TIM1_CH2N
-
-
LPTIM1_OUT
-
-
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
-
-
LPTIM2_IN1
LPUART1_RTS
_DE
EVENTOUT
PB2
-
SPI2_MISO
-
-
-
LPTIM1_OUT
-
EVENTOUT
PB3
SPI1_SCK/
I2S1_CK
TIM1_CH2
TIM2_CH2
-
USART1_RTS
_DE_CK
-
-
EVENTOUT
PB4
SPI1_MISO/
I2S1_MCK
TIM3_CH1
-
-
USART1_CTS
TIM17_BKIN
-
EVENTOUT
PB5
SPI1_MOSI/
I2S1_SD
TIM3_CH2
TIM16_BKIN
-
-
LPTIM1_IN1
I2C1_SMBA
-
PB6
USART1_TX
TIM1_CH3
TIM16_CH1N
-
SPI2_MISO
LPTIM1_ETR
I2C1_SCL
EVENTOUT
PB7
USART1_RX
SPI2_MOSI
TIM17_CH1N
-
-
LPTIM1_IN2
I2C1_SDA
EVENTOUT
PB8
-
SPI2_SCK
TIM16_CH1
-
-
-
I2C1_SCL
EVENTOUT
PB9
IR_OUT
-
TIM17_CH1
-
-
SPI2_NSS
I2C1_SDA
EVENTOUT
PB10
-
LPUART1_RX
TIM2_CH3
-
-
SPI2_SCK
I2C2_SCL
-
PB11
SPI2_MOSI
LPUART1_TX
TIM2_CH4
-
-
-
I2C2_SDA
-
PB12
SPI2_NSS
LPUART1_RTS
_DE
TIM1_BKIN
-
-
-
-
EVENTOUT
PB13
SPI2_SCK
LPUART1_CTS
TIM1_CH1N
-
-
-
I2C2_SCL
EVENTOUT
PB14
SPI2_MISO
-
TIM1_CH2N
-
-
-
I2C2_SDA
EVENTOUT
PB15
SPI2_MOSI
-
TIM1_CH3N
-
-
-
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More