| 전자부품 데이터시트 검색엔진 |
|
STM32MP157AAD1T 데이터시트(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157AAD1T 데이터시트(HTML) 72 Page - STMicroelectronics |
|
72 / 259 page ![]() Pinouts, pin description and alternate functions STM32MP157A/D 72/259 DS12504 Rev 5 - - AA3 Y6 PH3 I/O FT_h - DFSDM1_CKIN4, QUADSPI_BK2_IO1, SAI2_MCLK_B, ETH1_GMII_COL/ ETH1_MII_COL, LCD_R1, EVENTOUT - U2 W3 AB6 AB5 PB0 I/O FT_a - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, DFSDM1_CKOUT, UART4_CTS, LCD_R3, ETH1_GMII_RXD2/ ETH1_MII_RXD2/ ETH1_RGMII_RXD2, MDIOS_MDIO, LCD_G1, EVENTOUT ADC1_INP9, ADC1_INN5, ADC2_INP9, ADC2_INN5 - - Y4 W6 PF15 I/O FT_fh - TRACED7, I2C4_SDA, I2C1_SDA, ETH1_GMII_RXD7, FMC_A9, EVENTOUT - U1 V3 AA7 AA5 PB1 I/O FT_a - TIM1_CH3N, TIM3_CH4, TIM8_CH3N, DFSDM1_DATIN1, LCD_R6, ETH1_GMII_RXD3/ ETH1_MII_RXD3/ ETH1_RGMII_RXD3, MDIOS_MDC, LCD_G0, EVENTOUT ADC1_INP5, ADC2_INP5 - E6 - F6 VSS S - - - - - - AC4 V7 PF14 I/O FT_fha - TRACED6, DFSDM1_CKIN6, I2C4_SCL, I2C1_SCL, ETH1_GMII_RXD6, FMC_A8, EVENTOUT ADC2_INP6, ADC2_INN2 - - Y5 W7 PF13 I/O FT_ha - TRACED5, DFSDM1_DATIN6, I2C4_SMBA, I2C1_SMBA, DFSDM1_DATIN3, ETH1_GMII_RXD5, FMC_A7, EVENTOUT ADC2_INP2 - - AB4 AB7 PH2 I/O FT_h - LPTIM1_IN2, QUADSPI_BK2_IO0, SAI2_SCK_B, ETH1_GMII_CRS/ ETH1_MII_CRS, LCD_R0, EVENTOUT - V1 V4 AB7 AA6 PC5 I/O FT_a - SAI1_D3, DFSDM1_DATIN2, SAI4_D4, SAI1_D4, SPDIFRX_IN4, ETH1_GMII_RXD1/ ETH1_MII_RXD1/ ETH1_RGMII_RXD1/ ETH1_RMII_RXD1, SAI4_D3, EVENTOUT ADC1_INP8, ADC1_INN4, ADC2_INP8, ADC2_INN4 Table 7. STM32MP157A/D pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |